Part Number Hot Search : 
T82A6 T74LV B1185 BD9G101G IVRC059X XTV12750 2SC3930 TGT20
Product Description
Full Text Search
 

To Download HER105 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL GALAXY ELECTRICAL
HIGH EFFICIENCY RECTIFIER
FEATURES Low cost Low leakage Low forward voltage drop High current capability Easily cleaned with Alcohol,Isopropanol and similar solvents The plastic material carries U/L recognition 94V-0 MECHANICAL DATA Case:JEDEC DO--41,molded plastic Terminals: Axial lead ,solderable per MIL- STD-202,Method 208 Polarity: Color band denotes cathode Weight: 0.012 ounces,0.34 grams Mounting position: Any
HER101--- HER108
VOLTAGE RANGE: 50 --- 1000 V CURRENT: 1.0 A
DO - 41
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
HER 101
Maximum recurrent peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forw ard rectified current 9.5mm lead length, @TA =75
HER HER HER HER HER HER HER UNITS 102 103 104 105 106 107 108
100 70 100 200 140 200 300 210 300 1.0 400 280 400 600 420 600 800 560 800 1000 700 1000 V V V A
V RRM V RMS V DC IF(AV)
50 35 50
Peak forw ard surge current 8.3ms single half-sine-w ave superimposed on rated load @TJ =125
IFSM
30.0
A
Maximum instantaneous forw ard voltage @ 1.0 A Maximum reverse current at rated DC blocking voltage Typical reverse recovery time Typical junction capacitance Typical thermal resistance @TA =25 @TA =100 (Note1) (Note2) (Note3)
VF IR t rr CJ RJA TJ TSTG
1.0
1.3 5.0 100.0 50 20 60 - 55 ---- + 150 - 55 ---- + 150
1.7
V A
70 15
ns pF /W
Operating junction temperature range Storage temperature range
NOTE: 1. Measured with I F =0.5A, I R=1A, I rr=0.25A.
www.galaxycn.com
2. Measured at 1.0MH Z and applied rev erse v oltage of 4.0V DC. 3.Thermal resistance junction to ambient.
Document Number 0262002
BLGALAXY ELECTRICAL
1.
RATINGS AND CHARACTERISTIC CURVES
HER101 --- HER108
FIG.1 -- TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
50 N 1. 10 N 1.
trr
+0.5A
D.U.T.
0
(+) 25VDC (approx) (-) 1 NONINDUCTIVE PULSE GENERATOR (NOTE2) OSCILLOSCOPE (NOTE 1)
-0.25A
-1.0A
1cm
NOTES:1.RISE TIME = 7ns MAX.INPUT IMPEDANCE = 1M .22pF. JJJJJ2.RISE TIME =10ns MAX.SOURCE IMPEDANCE=50 .
SET TIME BASE FOR 20/30 ns/cm
FIG.2 -- TYPICAL FORWARD CHARACTERISTIC INSTANTANEOUS FORWARD CURRENT
100 10
FIG.3 -- FORWARD DERATING CURVE
z
3 0 0 \4 0 0 V
AVERAGE FORWARD CURRENT
1.0 0.8 0.6
TJ=25 P u ls e W id t h = 3 0 0 S
1.0
AMPERES
AMPERES
0.4 0.2 0 0
5 0 \1 0 0 \ 2 0 0 V
6 0 0 \8 0 0 \1 0 0 0 V
0.1
Single Phase Half Wave 60HZ Resistive or Inductive Load 0.375''(9.5mm)Lead Length
0.01
25
50
75
100
125
150
175
0
0 .2 0 .4 0 .6 0 .8
1
1 .2 1.4
1.6
1.8
2
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
AMBIENT TEMPERATURE,
FIG.4 -- TYPICAL JUNCTION CAPACITANCE PEAK FORWARD SURGE CURRENT
200 100
FIG.5 -- PEAK FORWARD SURGE CURRENT
50 40 30
JUNCTION CAPACITANCE,pF
60 40
HER101-HER105
8.3ms Single Half Sine-Wave
20 10 6 4
TJ=25 HER107-HER108
AMPERES
20 10 0 1
2 1 0.1 0.2 0.4 1 2
5
10
50
100
4
10
20
40
100
REVERSE VOLTAGE,VOLTS
NUMBER OF CYCLES AT 60Hz
www.galaxycn.com
Document Number 0262002
BLGALAXY ELECTRICAL
2.


▲Up To Search▲   

 
Price & Availability of HER105

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X